Part Number Hot Search : 
RC122 TPA312 R2A33 S2801 EPT7064 MAE13030 29LV00 CM1008
Product Description
Full Text Search
 

To Download 1N4614C-1E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0245 - 2, rev . 1 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 1 of 5 1n4614-1 C 1n4627-1e3, 1n4099-1 C 1n4135-1e3 available on commercial versions 500 mw metallurgically bonded glass zener diodes qualified per mil - prf - 19500/435 qualified levels : jan, jantx, jantxv and jans description t he 1n4099 - 1 thr ough 1n4135 - 1 and 1n4614 - 1 thr ough 1n4627 - 1 series are 500 mw, zener voltage regulators in the axial - leaded, glass do - 35 package. voltages from 1.8 to 100v in 5%, 2%, and 1% tolerances are available. they are constructed with an internal m etallurgical bond and are mil - qualified up to the jans level for high reliability applications. do - 35 (do - 204ah) package also available in : do - 213aa package ( surface mount ) 1n4099 ur -1 C 1n4135 ur -1 and 1n4614 ur -1 C 1n4627 ur -1 do - 216 package ( tabbed surface mount ) 1 pmt 4 099 C 1 pmt 4135 and 1 pmt 4614 C 1 pmt 4627 important: for th e latest information, visit our website http://www.microsemi.com . features ? jedec registered 1n4099 thr ough 1n4135 and 1n4614 thr ough 1n4627 series . ? internal metallurgical bond . ? max noise density 40 v / h z fo r 6.8 v and up. falls quickly to 1 v / h z at lower voltages. ? jan, jantx, jantxv and jans qualification s are available per mil - prf - 19500/435 . ? rohs compliant versions available (commercial grade only) . applications / benefits ? flexible axial - lead mount ing terminals. ? regulates voltage over broad ranges of current and temperature. ? extensive selection from 1.8 to 100 volts . ? voltage tolerances of 5% (standard), 2% and 1% are available. ? hermetically sealed surface mount package . ? non - sensitive to esd per mil - std - 750 m ethod 1020 . ? minimal capacitance (see f igure 3 ). ? inherently radiation hard as described in microsemi micronote 050 . maximum ratings @ t c = +25 oc unless otherwise specified msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com pa rameters/test conditions symbol value unit junction and storage temp erature t j and t stg -6 5 to +1 75 o c thermal resistance junction - to - ambient (1) r ? ja 300 o c /w thermal resistance junction - to - lead @ 3/8 (10 mm) lead length from body r ? jl 25 0 o c /w rated average power dissipation (2) p m(av) 0.5 w for w ard voltage @ 200 ma v f 1.1 v solder temperature @ 10 s 260 o c notes : 1. w hen mounted on fr4 pc board (1 oz cu) with 4 mm 2 copper pads and track width 1 mm, length 25 mm . 2. t he 0.5 w should be linearly derated starting at t l = 5 0 c and go es to zero at 175 c. for ambient t a condition on a typical pc board, it linearly derates from 500 mw starting at 25 c and goes t o zero at 175 c (see figure 2 ). downloaded from: http:///
t4 - lds - 0245 - 2, rev . 1 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 2 of 5 1n4614-1 C 1n4627-1e3, 1n4099-1 C 1n4135-1e3 mechanical and packaging ? case: hermetically sealed axial - lead glass do - 35 (do - 204ah) style package . ? te rminals : t in - lead or rohs c ompliant annealed matte -t in (on commercial grade only) plating . s olderable per mil - std - 750, method 2026 . ? polarity: cathode indicated by band . the diode is to be operated with the banded end positive with respect to the oppo site end for zener regulation . ? marking: part number . ? tape & reel option: standard per eia - 296 (add tr suffix to part number). consult factory for quantities. ? weight: approximately 0.2 grams . ? see p ackage d imensions on last page. part nomenclature jan 1n4099 c -1 e3 reliability level jan = jan level jantx = jantx level jantxv = jantxv level jans = jans level blank = commercial jedec type number ( see electrica l characteristics t able ) zener voltage tolerance b lank = 5% c = 2% d = 1% rohs compliance e3 = rohs c ompliant ( available on commercial grade only ) blank = non - rohs c ompliant metallurgical ly bond ed symbols & definitions symbol definition vz temperature coefficient of regulator voltage: the change in regulator voltage divided by the change in temperature that caused it expressed in %/c or mv/ c. i r reverse current: the maximum reverse (leakage) current that will flow at the specified vol tage and temperature. i z , i zt , i zk regulator current: the dc regulator current (i z ), at a specified test point (i zt ), near breakdown knee (i zk ). i zm maximum regulator (zener) current: the maximum rated dc current for the specified power rat ing. n d n oise density: the noise generated over a specified frequency bandwidth usually s pecified in terms of mv/ hz. v r reverse voltage: the reverse voltage dc value, no alternating component. v z zener voltage: the z ener voltage the device will exhibit at a specified current (i z ) in its breakdown region. z zt or z zk dynamic impedance: the small signal impedance of the diode when biased to operate in its break down region at a specified rms current modulation (typically 10% of i zt or i zk ) and superimposed on i zt or i zk respectively. downloaded from: http:///
t4 - lds - 0245 - 2, rev . 1 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 3 of 5 1n4614-1 C 1n4627-1e3, 1n4099-1 C 1n4135-1e3 electrical characteristics @ 25 c unless otherwise stated industry part number * (note 1) nominal zener voltage v z @ i zt (note 2) zener test current i zt maximum zener impedance z zt (note 3) maximum reverse current i r @ v r max imum noise density n d @ i zt maximum zener current i zm maximum temp. coeff. of zener voltage vz volts a ohms a volts v/ hz ma %/ o c 1n4614 -1 1n4615 -1 1n4616 -1 1.8 2.0 2.2 250 250 250 1200 1250 1300 3.5 2.5 2.0 1 .0 1 .0 1 .0 1 1 1 120 .0 110 .0 100 .0 - 0.075 - 0.075 - 0.075 1n4617 -1 1n4618 -1 1n4619 -1 1n4620 -1 2.4 2.7 3.0 3.3 250 250 250 250 1400 1500 1600 1650 1.0 0.5 0.4 3.5 1 .0 1 .0 1 .0 1.5 1 1 1 1 95 .0 90 .0 87 .0 85 .0 - 0.075 - 0.075 - 0.075 - 0.075 1n4621 -1 1n4622 -1 1n4623 -1 1n4624 -1 3.6 3.9 4.3 4.7 250 250 2 50 250 1700 1650 1600 1550 3.5 2.5 2.0 5.0 2 .0 2 .0 2 .0 3 .0 1 1 1 1 83 .0 80 .0 77 .0 75 .0 - 0.065 - 0.060 - 0.050 - 0.0 5 0,+0.020 1n4625 -1 1n4626 -1 1n4627 -1 1n4099 -1 5.1 5.6 6.2 6.8 250 250 250 250 1500 1400 1200 200 5.0 5.0 5.0 1.0 3 .0 4 .0 5 .0 5. 2 2 4 5 40 70 .0 65 .0 61 .0 56 .0 - 0.045,+0.030 - 0.020,+0.040 - 0.010,+0.050 + 0.060 1n4100 -1 1n4101 -1 1n4102 -1 1n4103 -1 7.5 8.2 8.7 9.1 250 250 250 250 200 200 200 200 1.0 0.5 0.5 0.5 5.7 6.3 6.7 7.0 40 40 40 40 51 .0 46 .0 44 .0 42 .0 + 0. 0 65 + 0.070 + 0.075 + 0.080 1n4104 -1 1n410 5-1 1n4106 -1 1n4107 -1 10 .0 11 .0 12 .0 13 .0 250 250 250 250 200 200 200 200 0.5 0.05 0.05 0.05 7.6 8.5 9.2 9. 9 40 40 40 40 38 .0 35 .0 32 .0 29 .0 + 0.080 + 0.080 + 0.080 + 0.080 1n4108 -1 1n4109 -1 1n4110 -1 1n4111 -1 14 .0 15 .0 16 .0 17 .0 250 250 250 250 200 100 100 10 0 0.05 0.05 0.05 0.05 10.7 11.4 12.2 13.0 40 40 40 40 27 .0 25 .0 24 .0 22 .0 + 0.085 + 0.085 + 0.085 + 0.090 1n4112 -1 1n4113 -1 1n4114 -1 1n4115 -1 18 .0 19 .0 20 .0 22 .0 250 250 250 250 100 150 150 150 0.05 0.05 0.01 0.01 13.7 14.5 15.2 16.8 40 40 40 40 21 .0 20 .0 19 .0 17 .0 + 0.090 + 0.090 + 0.090 + 0.090 1n4116 -1 1n4117 -1 1n4118 -1 1n4119 -1 24 .0 25 .0 27 .0 28 .0 250 250 250 250 150 150 150 200 0.01 0.01 0.01 0.01 18.3 19.0 20.5 21.3 40 40 40 40 16 .0 15 .0 14 .0 14 .0 + 0.090 + 0.090 + 0.090 + 0.095 1n4120 -1 1n4121 -1 1n4122 -1 1n4123 -1 30 .0 33 .0 36 .0 39 .0 250 250 250 250 200 200 200 200 0.01 0.01 0.01 0.01 22.8 25.1 27.4 29.7 40 40 40 40 13 .0 12 .0 11 .0 9.8 + 0.095 + 0.095 + 0.095 + 0.095 1n4124 -1 1n4125 -1 1n4126 -1 1n4127 -1 43 .0 47 .0 51 .0 56 .0 250 250 250 250 250 250 300 300 0.01 0.01 0 .01 0.01 32.7 35.8 38.8 42.6 40 40 40 40 8.9 8.1 7.5 6.7 + 0.095 + 0.095 + 0.100 + 0.100 1n4128 -1 1n4129 -1 1n4130 -1 1n4131 -1 60 .0 62 .0 68 .0 75 .0 250 250 250 250 400 500 700 700 0.01 0.01 0.01 0.01 45.6 47.1 51.7 57.0 40 40 40 40 6.4 6.1 5.6 5.1 + 0.100 + 0.100 + 0.100 + 0.100 1n4132 -1 1n4133 -1 1n4134 -1 1n4135 -1 82 .0 87 .0 91 .0 100 .0 250 250 250 250 800 1000 1200 16 00 0.01 0.01 0.01 0.01 62.4 66.2 69.2 76.0 40 40 40 40 4.6 4.4 4.2 3.8 + 0.100 + 0.100 + 0.100 + 0.100 *jedec registered data. see notes on next page. downloaded from: http:///
t4 - lds - 0245 - 2, rev . 1 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 4 of 5 1n4614-1 C 1n4627-1e3, 1n4099-1 C 1n4135-1e3 note 1: the jedec type numbers shown in the prior table have a standard tolerance of +/ - 5% on the nominal zener voltage. v z is measured with the diode in thermal equilibrium (still air) at 25 o c. note 2: zener impedance is derived by superimposing on i zt a 60 hz rms ac current at 10% of i zt (25 a ). see micronote 202 for zener impedance variation with different operating currents. note 3: based upon 400 mw maxim um power dissipation at 25 oc lead temperature, allowance has been made for the higher voltage associated with operation at higher currents. graphs figure 1 C noise density measurement circuit noise density, (n d ) is specified in microvolt -r ms per square - root - hertz. actual measurement is performed using a 1 khz to 3 khz frequency bandpass filter at a constant zener test current (i zt ) at 25 o c ambient temperature. n d is calculated from the formula. zener voltage v z figure 3 C capacitance vs. zener voltage (typical) temperature ( o c) figure 2 C power derating curve p d rated power dissipation (m w) typical capacitance in picofarads (pf) downloaded from: http:///
t4 - lds - 0245 - 2, rev . 1 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 5 of 5 1n4614-1 C 1n4627-1e3, 1n4099-1 C 1n4135-1e3 package dimensions ltr d imensions notes inch es m illimeters min max min max bd 0 .0 56 0 .090 1.42 2.29 3 bl 0 .140 0 .200 3.56 5.08 3 ld 0 .018 0 .022 0.46 0.56 ll 1.000 1.500 25.40 38.1 0 ll 1 - 0 .050 - 1.27 4 no tes: 1 . d imension s ar e in inches . 2 . m illimeter s ar e gi ven fo r informatio n onl y. 3 . packag e contou r optiona l w ithi n b d an d lengt h bl . h ea t slugs , if an y , shal l be include d w ithi n thi s cy linde r bu t shal l no t be subjec t to m inimum limi t of b d. the bl dimensio n shal l includ e th e entir e bod y including slugs. 4 . w ithi n thi s z on e lead , diamete r may v ar y to allo w fo r lea d finishe s and irregularitie s othe r tha n hea t slugs. 5 . in accordanc e w it h asme y 14.5 m, diameter s ar e equi v ale nt to x sy mbolog y. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N4614C-1E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X